|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CYStech Electronics Corp. 6A NPN Epitaxial Planar Power Transistor Spec. No. : C611E3 Issued Date : 2004.07.14 Revised Date : Page No. : 1/3 TIP41CE3 Description TIP41CE3 is designed for use in general purpose amplifier and switching applications. * Low collector-emitter saturation voltage, VCE(sat) = 1.5V(max) @ IC = 6A * High collector-emitter sustaining voltage, BVCEO(SUS) = 100V(min) * High current gain-bandwidth product , fT = 3MHz(min) @ IC = 500mA Features Symbol TIP41CE3 Outline TO-220AB BBase CCollector EEmitter BCE Absolute Maximum Ratings (Ta=25C) Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Power Dissipation @ TA=25 Power Dissipation @ TC=25 Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Junction Temperature Storage Temperature Note : 1. Single Pulse , Pw380s, Duty2%. Symbol VCBO VCEO VEBO IC ICP IB PD PD RJA RJC Tj Tstg Limits 100 100 5 6 10 (Note 1) 2 2 65 62.5 1.923 150 -55~+150 Unit V V V A A W C/W C/W C C TIP41CE3 CYStek Product Specification CYStech Electronics Corp. Characteristics (Ta=25C) Symbol *BVCEO(SUS) ICEO ICES IEBO *VCE(sat) *VBE(on) *hFE *hFE fT Min. 100 30 15 3 Typ. Max. 700 400 1 1.5 2 75 Unit V A A mA V V MHz Spec. No. : C611E3 Issued Date : 2004.07.14 Revised Date : Page No. : 2/3 Test Conditions IC=30mA, IB=0 VCE=60V, IB=0 VCE=100V, VBE=0 VEB=5V, IC=0 IC=6A, IB=600mA VCE=4V, IC=6A VCE=4V, IC=0.3A VCE=4V, IC=3A VCE=10V, IC=500mA, f=1MHz *Pulse Test : Pulse Width 380s, Duty Cycle2% TIP41CE3 CYStek Product Specification CYStech Electronics Corp. TO-220AB Dimension Spec. No. : C611E3 Issued Date : 2004.07.14 Revised Date : Page No. : 3/3 A D B E C Marking: TIP41C H I G 4 P M 3 2 1 N Style: Pin 1.Base 2.Collector 3.Emitter 4.Collector K O 3-Lead TO-220AB Plastic Package CYStek Package Code: E3 *: Typical DIM A B C D E G H Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398 Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25 DIM I K M N O P Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248 Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87 Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: * Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. TIP41CE3 CYStek Product Specification |
Price & Availability of TIP41CE3 |